PART |
Description |
Maker |
AFL12005S AFL120XXS AFL12008S AFL12009S AFL12012S |
Hi-Rel DC-DC Standard Single Converter in a AFL package HIGH RELIABILITY HYBRID DC/DC CONVERTERS Complete SO-8, 12-Bit, 400ksps ADC with Shutdown; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Complete SO-8, 12-Bit, 400ksps ADC with Shutdown; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C DC to DC Converter DC至DC转换
|
IRF[International Rectifier] International Rectifier, Corp. Analog Devices, Inc.
|
MAX8213A MAX8213B MAX8213 MAX8214BESE MAX8214A MAX |
Five Universal Voltage Monitors, Complete µP Voltage Monitoring "Five Universal Voltage Monitors, Complete μP Voltage Monitoring" " Five Universal Voltage Monitors, Complete μP Voltage Monitoring" Five Universal Voltage Monitors-Complete Microprocessor Voltage Monitoring Five Universal Voltage Monitors - Complete Microprocessor Voltage Monitoring Five Universal Voltage Monitors with Active Pull-Ups From old datasheet system ECONOLINE: RBM - New Micro Size SIP 6 Package- Industry Standard Pinout- 3kVDC Isolation- UL94V-0 Package Material- Efficiency to 85% Five Universal Voltage Monitors, Complete µP Voltage Monitoring 5-CHANNEL POWER SUPPLY SUPPORT CKT, PDIP16 Synchronous 4-Bit Binary Counters 16-CDIP -55 to 125 5-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO16
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
AM29CPL154H-25DC AM29CPL154H-25/BXA AM29CPL154H-25 |
User Programmable Special Function ASIC 200V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTX2N7219 with Standard Packaging 100V Single N-Channel Hi-Rel MOSFET in a 18-pin LCC package; A JANTX2N6788U with Standard Packaging 200V Single N-Channel Hi-Rel MOSFET in a TO-259AA package; A IRFI260 with Standard Packaging 800V Single N-Channel Hi-Rel MOSFET in a TO-204AA package; A IRFAE40 with Standard Packaging -55V Single P-Channel Hi-Rel MOSFET in a SMD-0.5 package; A IRF5NJ5305 with Standard Packaging -100V Single P-Channel Hi-Rel MOSFET in a TO-205AF package; A IRFF9110 with Standard Packaging 400V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRFN340 with Standard Packaging 1000V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRFNG50 with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTXV2N7237 with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-254AA package; A JANS2N7237 with Standard Packaging 40V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRL7N1404 with Standard Packaging 用户可编程ASIC的特殊功
|
Advanced Micro Devices, Inc.
|
MRF18085B |
MRF18085B, MRF18085BR3, MRF18085BLSR3 GSM/GSM EDGE 1.9-1.99 GHz, 85 W, 26 V Lateral N-Channel RF Power MOSFETs
|
Motorola
|
BC856S Q62702-C2532 Q62702G0077 |
GaAs MMIC (Dual band GSM/PCN power amplifier 35dBm / 34dBm output power at 3.5 V Two amplifiers in a single package) From old datasheet system PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group] http://
|
AM29DL323DB90WDIN AM29DL323DB120WDI AM29DL323DB120 |
500V Single N-Channel Hi-Rel MOSFET in a TO-204AA package; A IRF450 with Standard Packaging 500V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTX2N7228 with Standard Packaging 500V Single N-Channel Hi-Rel MOSFET in a 18-pin LCC package; A IRFE430 with Standard Packaging 500V Single N-Channel Hi-Rel MOSFET in a 18-pin LCC package; A JANTX2N6802U with Standard Packaging 12V Single N-Channel Hi-Rel MOSFET in a SMD-0.5 package; A IRL7NJ3802 with Standard Packaging 60V Single N-Channel Hi-Rel MOSFET in a TO-257AA package; A IRFY044CM with Standard Packaging 100V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A IRFM140 with Standard Packaging -20V Single P-Channel Hi-Rel MOSFET in a SMD-0.5 package; A IRL5NJ7404 with Standard Packaging 150V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A IRF5M3415 with Standard Packaging 500V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A JANTXV2N7222U with Standard Packaging 100V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTXV2N7218 with Standard Packaging 200V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A IRFM260 with Standard Packaging AME270461; A AME270461 with Standard Packaging x8/x16闪存EEPROM AFC461; Qualified Part Number similar to AFC461 x8/x16闪存EEPROM AME28461; A AME28461 with Standard Packaging x8/x16闪存EEPROM x8/x16 Flash EEPROM x8/x16闪存EEPROM 100V Single N-Channel Hi-Rel MOSFET in a TO-204AE package; A JANTXV2N6764 with Standard Packaging x8/x16闪存EEPROM IR2113L6; A IR2113L6 with Standard Packaging x8/x16闪存EEPROM -55V Single P-Channel Hi-Rel MOSFET in a TO-254AA package; A IRF5M4905 with Standard Packaging x8/x16闪存EEPROM
|
Spansion, Inc.
|
HD155101BF |
RF Single-chip Linear IC for GSM and EGSM Systems
|
HITACHI[Hitachi Semiconductor]
|
T85HF T85HF10 T85HF100 T85HF120 T85HF20 T85HF40 T8 |
200V Single Diode in a T-Module package 1400V Single Diode in a T-Module package 1000V Single Diode in a T-Module package 1600V Single Diode in a T-Module package POWER RECTIFIER DIODES
|
IRF[International Rectifier]
|
MRF18030ASR3 MRF18030ALSR3 MRF18030ALR3 |
GSM/GSM EDGE 1.80–1.88 GHz, 30 W, 26 V Lateral N–Channel RF Power MOSFET
|
Freescale (Motorola)
|
AM29F002BB-120EE AM29F002BB-120EI AM29F002BB-120JC |
-55V Single P-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF5305S with Standard Packaging -100V Single P-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF5210S with Lead Free Packaging -100V Single P-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF9520NS with Lead Free Packaging -100V Single P-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF9540NPBF with Standard Packaging -55V Single P-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU9024N with Standard Packaging -55V Single P-Channel HEXFET Power MOSFET in a TO-220 Full-Pak package; A IRLIB9343 with Standard Packaging -55V Single P-Channel HEXFET Power MOSFET in a TO-262 package; A IRF5305L with Standard Packaging -150V Single P-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR6215 with Lead Free Packaging -30V Single P-Channel HEXFET Power MOSFET in a Micro 8 package; A IRF7726 with Lead Free Packaging -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR9024N with Standard Packaging -20V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7204 with Lead Free Packaging -100V Single P-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU5410 with Lead Free Packaging -100V Single P-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF9530NS with Tape and Reel Right Packaging -150V Single P-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF6215PBF with Standard Packaging -100V Single P-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF9540NS with Tape and Reel Left Packaging -55V Single P-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF9Z34NS with Lead Free Packaging -55V Single P-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU5505 with Lead Free Packaging -55V Single P-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF5305PBF with Standard Packaging -30V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7406 with Lead Free Packaging -55V Single P-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU9024N with Lead Free Packaging -55V Single P-Channel HEXFET Power MOSFET in a TO-262 package; A IRF4905L with Standard Packaging -150V Single P-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU6215 with Standard Packaging -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR5305 with Standard Packaging -55V Single P-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF9Z34N with Standard Packaging -100V Single P-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF9530NS with Lead Free Packaging -20V Single P-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7204 with Standard Packaging -100V Single P-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF9540NS with Standard Packaging -12V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7233 with Lead Free Packaging -40V Single P-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7241 with Standard Packaging -100V Single P-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF5210 with Standard Packaging -55V Single P-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU5305 with Standard Packaging -40V Single P-Channel HEXFET Power MOSFET in a TSSOP-8 package; A IRF7704 with Standard Packaging -100V Single P-Channel HEXFET Power MOSFET in a TO-247AC package; Similar to IRFP9140N with Lead Free Packaging -30V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to SI4435DY with Lead Free Packaging -40V Single P-Channel HEXFET Power MOSFET in a TSSOP-8 package; Similar to IRF7704 with Lead-Free Packaging. -12V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7210 with Lead-Free Packaging. -100V Single P-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRF5210L with Lead Free Packaging x8闪存EEPROM x8 Flash EEPROM x8闪存EEPROM
|
Advanced Micro Devices, Inc.
|